PART |
Description |
Maker |
MAX1488 MAX1488E MAX1488ECPD MAX1488ECSD MAX1488EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 【15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 15kV ESD-Protected / Quad / Low-Power RS-232 Line Driver Quad, Low-Power RS-232 Line Driver(卤12V锛??5KVESD淇??锛?20kbps锛?S-232椹卞???
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL12023 ISL12023IVZ |
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 卤5ppm with Auto Daylight Saving Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
|
Intersil Corporation
|
MAX4620 MAX4630 MAX4640 MAX4630ESD MAX4630EPD MAX4 |
±15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches 15kV ESD-Protected, Low-Voltage, Quad,SPST, CMOS Analog Switches ±15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO14 ±.15kV ESD-Protected.Low-Voltage.Quad.SPST.CMOS Analog Switches ±15kV ESD保护、低电压、四路、SPST、CMOS模拟开
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL32374EFBZ ISL32374EFVZ ISL32374EIBZ ISL32374EIV |
QUAD, 卤16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters; Temperature Range: Full-Range Ind; Package: 16-SOIC
|
Intersil Corporation
|
ST3243ECTR ST3243E ST3243EBD ST3243EBDR ST3243EBJ |
15KV ESD PROTECTED, 3 TO 5.5V 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN 【15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN ±15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST3241EB10 ST3241EC10 |
±15 kV ESD protected 3 to 5.5 V, 400 kbps, RS-232 transceiver with auto-power-down
|
STMicroelectronics
|
EMC1203-ACZL-TR |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
T498D106K035ATE700 |
Capacitor, Tantalum, SMD, MnO2, Molded, Hi-Temp, 150C, Auto, AEC-Q200, 10 uF, 7343, /-10% Tol, 35V@85C
|
Kemet Corporation
|
LAN8187-JT LAN8187I-JT LAN818706 |
±15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
|
SMSC Corporation
|
MAX3372EEBLT MAX3373EEBLT MAX3374EEBLT MAX3375EEBL |
隆戮15kV ESD-Protected, 1楼矛A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 卤15kV ESD-Protected, 1渭A, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
|
Maxim Integrated Products Maxim Integrated Produc...
|
X2864HJ-70 X2864BPI-18 X2864HJ-90 X2864BGM-12 X286 |
10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) 10MS, SOT23, IND TEMP, GREEN, 1.8V(SERIAL EE) 32M CONFIG FLASH, 44 PLCC, IND(FPGA) 10 MHZ, 8 LAP, IND TEMP(FPGA) 25NS, 24 SOIC, IND TEMP(EPLD) 10MS, 8 TSSOP, EXT TEMP, 2.7V(SERIAL EE) DIE SALE,1.8V, 11MIL(SERIAL EE) 10MHZ, 8 PDIP, IND TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 10MHZ, 44 TQFP, COM TEMP(FPGA) 128Kx8 EEPROM 20NS,CERDIP,883C; LEV B FULLY COMPLIANT(EPLD) 10MHZ, 20 SOIC, COM TEMP, 5K MOQ(FPGA) 10 MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) x8的EEPROM 10MHZ, 20 PLCC, IND TEMP(FPGA) x8的EEPROM 30MHZ, 20 PLCC, IND TEMP, GREEN(FPGA) x8的EEPROM
|
ITT, Corp. Pericom Technology (Shanghai) CO., Ltd. Diodes, Inc. Electronic Theatre Controls, Inc.
|
|